this document was generated on 05/18/2010 please check www.molex.com for latest part information part number: 5025851070 status: active description: 1.50mm (.059") pitch clik-mate? wire-to-board pcb receptacle, single row, right angle, 10 circuits documents: 3d model product specification ps-502584-001 (pdf) application specification (pdf) rohs certificate of compliance (pdf) drawing (pdf) general product family pcb receptacles series 502585 application wire-to-board product name clik-mate? physical circuits (loaded) 10 color - resin beige durability (mating cycles max) 30 glow-wire compliant no guide to mating part yes keying to mating part yes lock to mating part yes mated height (in) 0.252 in mated height (mm) 6.40 mm material - metal copper alloy material - plating mating tin number of rows 1 orientation right angle pcb locator no pcb retention yes packaging type embossed tape on reel pitch - mating interface (in) 0.059 in pitch - mating interface (mm) 1.50 mm polarized to mating part yes polarized to pcb yes stackable no temperature range - operating -25c to +85c termination interface: style surface mount electrical current - maximum per contact 2a voltage - maximum 100v material info reference - drawing numbers application specification as-502578-001, as-502578-002 packaging specification spk-502585-001 product specification ps-502584-001, rps-502584-002, rps-502584-003, rps-502584-004, rps-502584-005, rps-502584-006 sales drawing sd-502585-001, sd-502585-002 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 502585 series mates with 502578 crimp housing . 502579 crimp terminal this document was generated on 05/18/2010
please check www.molex.com for latest part information
|